PART |
Description |
Maker |
G3NE G3NE-205T-US G3NE-205TL-US G3NE-210T-US G3NE- |
TRIGGER OUTPUT SOLID STATE RELAY, 2000 V ISOLATION-MAX Solid State Relays
|
Omron Electronics LLC
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
4D2450 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
SSRT600240A10-014 SSRT600240A10-006 SSRT600240A10- |
TRIGGER OUTPUT SOLID STATE RELAY
|
|
CMA6025-10 CMA6075P-10 CMD60110 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Crydom Inc. CRYDOM CORP
|
CPC1962GS |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
CLARE INC
|
CKRD6020EP |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
P111-B253-S001 P111-B253-S301 |
TRIGGER OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Vishay Intertechnology, Inc. ITT, Corp.
|
TD2425B-14 TD2425-14 TD2425A-13 TD2425B-13 TD2425A |
TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
ISRT44080 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
ISOCOM COMPONENTS LTD
|
NTD2425E NTD2425E-10 NTD2410E-10 |
TRIGGER OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX PLASTIC PACKAGE-4
|
Crydom, Inc. CRYDOM CORP
|